Part Number Hot Search : 
F2812 ZK102 E006854 HPA17B FR3910 TDA3803A SC4004 TMP80C
Product Description
Full Text Search
 

To Download MDT763022S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.General Description
4. Pin Function Description
2. Features
VDET Open Drain Input Open Drain Output Input Input
VIN LX
3. Applications
ETR CE VOUT
RDERING INFORMATION
1 of 4
2005/10/18
5. Electrical Characteristics
Test Conditions Min. ---------------2.925 ------------------------------Iout=1mA Iout=30mA Vhold Iout=1mA 0.7 Iout=30mA 0.9 Iin Without loading Supply Current IDD1 VIN=VOUT x 0.95 Measured at VOUT pin without external component Supply Current IDD2 VIN=VOUT+0.5V Measured at VOUT pin without external component Shutdown Current VCE=0 , VIN=VOUTx0.95 LX Leakage VIN=6V Current Maximum VIN=VOUT0.95 Oscillator Measured at ETR pin Frequency Oscillator Duty VIN=VOUT_0.95 70 Cycle Measured at ETR pin Parameter Output Voltage Output Ripple Vin Vstart Typ. 3 2.5 0.75 1 Max. 3.075 3 6 0.8 1.2 Unit V % V V V V V uA uA
20 45
25 52
8
12
uA
0.5 1 200 75 230 80
uA uA kHz %
Low Battery VIN: HI to LOW 2.1 2.2 2.3 V Detect Voltage (LBDV) LBDV hysteresis -----------------0.1 V Width 85 % Efficiency L , SD , CL etc. connected +3.0V Output Type VIN=VOUTx0.6 ; IOUT=30mA ; Ta=25 (Unless otherwise specified) Note: " Supply current 1 " is the supply current while the oscillator is continuously oscillating. In actual operation the oscillator periodically operates. The current actually provided by an external VIN source from VOUT pin. " Supply current 2 " is the supply current while the oscillator stop oscillating. In actual operation the oscillator periodically operates. The current actually provided by an external VIN source from VOUT pin
2 of 4
2005/10/18
6.Application Circuit
EXTERNAL COMPONENT : CP=22uF ; CIN=100uF ; CL=100uF ; Cb=0.1uF L=100uH ; RPU=47K
External Transistor application ------using
(1A)
3 of 4
2005/10/18
7.TYPICAL PERFOMACE OF EFFICIENCY
8. OUTPUT VOLTAGE V.S LOADING
4 of 4
2005/10/18


▲Up To Search▲   

 
Price & Availability of MDT763022S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X